PART |
Description |
Maker |
UCN5841 UCN5841A UCN5841LW UCN5842 UCN5842A UCQ584 |
(UCN5842) BiMOS II 8-BIT SERIAL-INPUT / LATCHED DRIVERS BiMOS II 8-Bit Serial-Input, Latched Driver to be Used in a Wide Variety of Peripheral Power Driver Applications(广泛用于各种外围功率器件的BiMOS II 8位串行输入锁存驱动器) BiMOS II 8-BIT SERIAL-INPUT/ LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT. LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8-BIT SERIAL INPUT/ LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
UCN5881 UCN5881EP 5881 ALLEGROMICROSYSTEMSINC.-UCN |
BiMOS II DUAL 8-BIT LATCHED DRIVER WITH READ BACK From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
UCQ5810 |
BiMOS II 10-Bit Serial-Input, Latched Source Drivers with Active-DMOS Pull-Downs
|
Allegro MicroSystems
|
CD22M3494MQZ CD22M3494EZ CD22M3494MQA CD22M3494MQA |
16 x 8 x 1 BiMOS-E Crosspoint Switch 16x8x1 BiMOS-E Crosspoint Switch; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R 16-CHANNEL, CROSS POINT SWITCH, PQCC44
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
UCQ5821LW UCQ5821A UCN5821LW 5821 UCN5821A |
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
|
ALLEGRO[Allegro MicroSystems]
|
CA3493A CA3493 |
BiMOS Precision Operational Amplifiers
|
Harris Semiconductor Harris Corporation
|
NTE930 |
Linear Integrated Circuit BiMOS Operational Amp
|
NTE Electronics
|
BCA6000ETL |
High Performance BiMOS TTL ECL CMOS Compatible
|
Motorola
|